Part Number Hot Search : 
PSEXXXXX EM518 MH110 BA7781 DG508 SBR1060 TA7256 UPG2118
Product Description
Full Text Search
 

To Download MMSZ5243B-V-GS08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmsz5225 to mmsz5267 www.vishay.com vishay semiconductors rev. 1.9, 27-feb-13 1 document number: 85774 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 small signal zener diodes features ? silicon planar zener diodes ? standard zener voltage tolerance is 5 % with a b suffix (e.g.: mmsz5225b), suffix c is 2 % tolerance ? aec-q101 qualified ? esd capability according to aec-q101: human body model > 8 kv machine model > 800 v ? base p/n-e3 - rohs-compliant, commercial grade ? base p/n-he3 - rohs-compliant, aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 primary characteristics parameter value unit v z range nom. 3.3 to 75 v test current i zt 1.7 to 20 ma v z specification thermal equilibrium int. construction single ordering information device name ordering code taped units per reel minimum order quantity mmsz5225 to mmsz5267 mmsz5225b-e3-08 to mmsz5267b-e3-08 3000 (8 mm tape on 7" reel) 15 000/box mmsz5225c-e3-08 to mmsz5267c-e3-08 mmsz5225b-he3-08 to mmsz5267b-he3-08 mmsz5225c-he3-08 to mmsz5267c-he3-08 mmsz5225b-e3-18 to mmsz5267b-e3-18 10 000 (8 mm tape on 13" reel) 10 000/box mmsz5225c-e3-18 to mmsz5267c-e3-18 mmsz5225b-he3-18 to mmsz5267b-he3-18 mmsz5225c-he3-18 to mmsz5267c-he3-18 package package name weight molding compound flammability rating moisture sensitivity level soldering conditions sod-123 10.3 mg ul 94 v-0 msl level 1 (according j-std-020) 260 c/10 s at terminals absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit power dissipation t l = 75 c, on fr - 4 or fr - 5 board with minimum recommended solder pad layout p tot 500 mw zener current see table electrical characteristics thermal resistance junction to ambient air on fr - 4 or fr - 5 board with minimum recommended solder pad layout r thja 340 k/w junction temperature t j 150 c storage temperature range t stg - 65 to + 150 operating temperature range t op - 55 to + 150
mmsz5225 to mmsz5267 www.vishay.com vishay semiconductors rev. 1.9, 27-feb-13 2 document number: 85774 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ?maximum v f = 0.9 v, at i f = 10 ma (1) measured with device junction in thermal equilibrium (2) the zener impedance is derived from the 1 khz ac voltage which results when an ac current having an rms value equal to 10 % of the zener current (i zt1 or i zt2 ) is superimposed on i zt1 or i zt2 . zener impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units electrical characteristics (t amb = 25 c, unless otherwise specified) part number marking code zener voltage range (1) test current reverse laekage current dynamic resistance (2) temperature coefficient v z at i zt1 i zt1 i zt2 i r at v r z z at i zt1 z zk at i zt2 ? vz v ma a v ? %/c nom. max. max. max. typ. mmsz5225 c5 3 20 0.25 50 1 30 1600 - 0.075 mmsz5226 d1 3.3 20 0.25 25 1 28 1600 - 0.07 mmsz5227 d2 3.6 20 0.25 15 1 24 1700 - 0.065 mmsz5228 d3 3.9 20 0.25 10 1 23 1900 - 0.06 mmsz5229 d4 4.3 20 0.25 5 1 22 2000 - 0.055 mmsz5230 d5 4.7 20 0.25 5 2 19 1900 0.030 mmsz5231 e1 5.1 20 0.25 5 2 17 1600 0.030 mmsz5232 e2 5.6 20 0.25 5 3 11 1600 0.038 mmsz5233 e3 6 20 0.25 5 3.5 7 1600 0.038 mmsz5234 e4 6.2 20 0.25 5 4 7 1000 0.045 mmsz5235 e5 6.8 20 0.25 3 5 5 750 0.05 mmsz5236 f1 7.5 20 0.25 3 6 6 500 0.058 mmsz5237 f2 8.2 20 0.25 3 6.5 8 500 0.062 mmsz5238 f3 8.7 20 0.25 3 6.5 8 600 0.065 mmsz5239 f4 9.1 20 0.25 3 7 10 600 0.068 mmsz5240 f5 10 20 0.25 3 8 17 600 0.075 mmsz5241 h1 11 20 0.25 2 8.4 22 600 0.076 mmsz5242 h2 12 20 0.25 1 9.1 30 600 0.077 mmsz5243 h3 13 9.5 0.25 0.5 9.9 13 600 0.079 mmsz5244 h4 14 9 0.25 0.1 10 15 600 0.082 mmsz5245 h5 15 8.5 0.25 0.1 11 16 600 0.082 mmsz5246 j1 16 7.8 0.25 0.1 12 17 600 0.083 mmsz5247 j2 17 7.4 0.25 0.1 13 19 600 0.084 mmsz5248 j3 18 7 0.25 0.1 14 21 600 0.085 mmsz5249 j4 19 6.6 0.25 0.1 14 23 600 0.086 mmsz5250 j5 20 6.2 0.25 0.1 15 25 600 0.086 mmsz5251 k1 22 5.6 0.25 0.1 17 29 600 0.087 mmsz5252 k2 24 5.2 0.25 0.1 18 33 600 0.087 mmsz5253 k3 25 5 0.25 0.1 19 35 600 0.089 mmsz5254 k4 27 4.6 0.25 0.1 21 41 600 0.09 mmsz5255 k5 28 4.5 0.25 0.1 21 44 600 0.091 mmsz5256 m1 30 4.2 0.25 0.1 23 49 600 0.091 mmsz5257 m2 33 3.8 0.25 0.1 25 58 700 0.092 mmsz5258 m3 36 3.4 0.25 0.1 27 70 700 0.093 mmsz5259 m4 39 3.2 0.25 0.1 30 80 800 0.094 mmsz5260 m5 43 3 0.25 0.1 33 93 900 0.095 mmsz5261 n1 47 2.7 0.25 0.1 36 105 1000 0.095 mmsz5262 n2 51 2.5 0.25 0.1 39 125 1100 0.096 mmsz5263 n3 56 2.2 0.25 0.1 43 150 1300 0.096 mmsz5264 n4 60 2.1 0.25 0.1 46 170 1400 0.097 mmsz5265 n5 62 2 0.25 0.1 47 185 1400 0.097 mmsz5266 p1 68 1.8 0.25 0.1 52 230 1600 0.097 mmsz5267 p2 75 1.7 0.25 0.1 56 270 1700 0.098
mmsz5225 to mmsz5267 www.vishay.com vishay semiconductors rev. 1.9, 27-feb-13 3 document number: 85774 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters (inches): sod-123 0.1 (0.004) max. 2.85 (0.112) 2.55 (0.100) 3.85 (0.152) 3.55 (0.140) 1.7 (0.067) 1.40 (0.055) mo u nting pad layo u t 2.5 (0.098) 0.85 (0.033) 0.85 (0.033) 0.85 (0.033) cathode b ar 0.65 (0.026) 0.45 (0.018) 0.10 (0.004) 1 (0.039) 0.15 (0.006) 1.35 (0.053) 0.2 (0.008) 0 to 8 0.45 (0.018) 0.25 (0.010) 0.5 (0.020) ref. rev. 4 - date: 24. sep. 2009 doc u ment no.: s8-v-3910.01-001 (4) 17432
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of MMSZ5243B-V-GS08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X